|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
dual differential 16 - bit, 1 msps pulsar adc 12 .0 mw in q sop data sheet ad7903 rev. a document feedback information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. specifications subject to change without notice. no license is granted by implication or otherwise under any patent or patent ri ghts of analog devices. trademarks and registered trademarks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062 - 9106, u.s.a. tel: 781.329.4700 ? 2013C 2014 analog devices, inc. all rights reserved. technical support www.analog.com features 1 6 - bit resolution with no missing codes throughput: 1 msps low power dissipation 7.0 mw at 1 msps (v dd1 and v dd2 only ) 1 2 .0 mw at 1 msps (t otal) 140 w at 10 ksps inl: 0.5 lsb typical, 2.0 lsb maximum sinad: 93.5 db at 1 khz thd: ?112 db at 1 khz true differential analog input range: v ref 0 v to v ref with v ref between 2.4 v to 5.1 v a llows use of a ny input range easy to drive with the ada4941 - 1 no pipeline delay single - supply 2.5 v operation with 1.8 v/2.5 v/3 v/5 v logic interface serial port interface ( spi ) /qspi/microwire/dsp compatible 2 0 - lead qsop package wide operating temp erature range: ?40c to +125c applications battery - powered equipment communications automated test equipment ( ate ) data acquisition medical instrumentation redundant measurement simultaneous s ampling general description the ad7903 is a dual 1 6 - bit, successive approximation, analog - to - digital converter (adc) that operates from a single power supply, vdd x, per adc . it contains two low power, high speed, 1 6 - bit sampling a dc s and a versatile serial port interface (spi) . on the cnv x rising edge, the ad7903 samples the voltage difference between the in x + and in x ? pins. the voltages on these pins usually swing in oppo site phase s between 0 v and v ref . the externally applied reference voltage of the ref x pins ( v ref ) can be set independent ly from the supply voltage pins , vdd x . the power of the device scales linearly with throughput. u sing the sdi x input s, t he spi - compatible serial interface can also daisy - chain multiple adcs on a single 3 - wire bus and provide an optional busy indicator. it is compatible with 1.8 v, 2.5 v, 3 v, or 5 v logic, using the separate vio x supplies . the ad7903 is available in a 2 0 - lead q sop package with operation specified from ? 4 0c to + 125 c. table 1. msop 14 - /16 - /18 - bit pulsar ? adc s bits 100 ksps 250 ksps 400 ksps to 500 ksps 1000 ksps adc driver 18 ad7691 1 ad7690 1 ad7982 1 ada4941 - 1 ada4841 - x 16 ad7680 ad7685 1 ad7686 1 ad7980 1 ada4941 - 1 ad7683 ad7687 1 ad7688 1 ad7903 ada4841 - x ad7684 ad7694 ad7693 1 AD7902 14 ad7940 ad7942 1 ad7946 1 1 pin - for - pin compatible. function al block diagram figure 1 . gnd vdd1 vdd2 2.5v ref1 ref2 ref = 2.5v to 5v adc1 in1+ in1? vio1 sdi1 sck1 cnv1 sdo1 vio1/vio2 sdi1/sdi2 sck1/sck2 cnv1/cnv2 sdo1 ref 10v, 5v, ... adc2 in2+ in2? vio2 sdi2 sck2 cnv2 sdo2 sdo2 ref 10v, 5v, ... 3-wire or 4-wire interface (spi, cs, and chain modes) ad7903 ada4941-1 ada4941-1 11755-001
important links for the ad7903 * last content update 01/22/2014 02:26 pm similar products & parametric selection tables find similar products by operating parameters suggested companion products recommended driver amplifiers for the ad7903 for low frequency, precision, low bias current applications, we recommend the ada4627-1, ada4637-1 or the ad8610 . for precision, low power, low distortion applications, we recommend the ada4841-1, ada4896-2 or the ad8031 . for high frequency, low noise, low distortion applications, we recommend the ada4899, ada4897-1, or the ad8021 . for additional driver amplifier selections , we recommend selecting the product category and filtering on our parametric search tables. recommended external voltage references for the ad7903 for a low noise, high accuracy 2.5v reference, we recommend the adr431 or the adr4525 . for a low noise, high accuracy 3v reference, we suggest the adr433 or the adr4533 . for a low noise, high accuracy 5v reference, we recommend the adr435 or the adr4550 . for driving the voltage reference input, we recommend the ad8031 or the ad8605 buffer amplifiers. for additional voltage reference selections , we recommend filtering on our parametric search tables. recommended digital isolators for the ad7903 for spi interface, lowest power, 2.5 kvrms isolation, we recommend the adum1401 . for spi interface, enhanced system-level esd performance, 2.5 kvrms isolation, we recommend the adum3401 . for spi interface, low power, 5.0 kvrms isolation, we recommend the adum4401 . for spi interface, smallest package, low voltage i/o (1.8 v to 5.5 v), we recommend the adum3481 . for additional digital isolator selections , we recommend filtering on our parametric search tables. recommended power solutions for selecting voltage regulator products, use adisimpower . for selecting supervisor products, use the supervisor parametric search . documentation ug-609 : evaluating the ad7903 dual differential, 16-bit, 1 msps pulsar adc evaluation kits & symbols & footprints view the evaluation boards and kits page for documentation and purchasing symbols and footprints design collaboration community collaborate online with the adi support team and other designers about select adi products. follow us on twitter: www.twitter.com/adi_news like us on facebook: www.facebook.com/analogdevicesinc design support submit your support request here: linear and data converters embedded processing and dsp telephone our customer interaction centers toll free: americas: 1-800-262-5643 europe: 00800-266-822-82 china: 4006-100-006 india: 1800-419-0108 russia: 8-800-555-45-90 quality and reliability lead(pb)-free data package information sample & buy ad7903 view price & packaging request evaluation board request samples check inventory & purchase find local distributors * this page was dynamically generated by analog devices, inc. and inserted into this data sheet. note: dynamic changes to the content on this page (labeled 'important links') does not constitute a change to the revision number of the product data sheet. this content may be frequently modified. powered by tcpdf (www.tcpdf.org) ad7903 data sheet rev. a | page 2 of 28 table of contents features .............................................................................................. 1 ? applications ....................................................................................... 1 ? general description ......................................................................... 1 ? functional block diagram .............................................................. 1 ? revision history ............................................................................... 2 ? specifications ..................................................................................... 3 ? timing specifications .................................................................. 5 ? absolute maximum ratings ............................................................ 6 ? esd caution .................................................................................. 6 ? pin configuration and function descriptions ............................. 7 ? typical performance characteristics ............................................. 8 ? terminology .................................................................................... 13 ? theory of operation ...................................................................... 14 ? circuit information .................................................................... 14 ? converter operation .................................................................. 14 ? typical connecti on diagram ................................................... 15 ? analog inputs ............................................................................. 15 ? driver amplifier choice ........................................................... 16 ? single-to-differential driver .................................................... 16 ? voltage reference input ............................................................ 17 ? power supply ............................................................................... 17 ? digital interface .......................................................................... 17 ? cs mode ...................................................................................... 18 ? chain mode ................................................................................ 22 ? applications information .............................................................. 24 ? simultaneous sampling ............................................................. 24 ? functional safety considerations ............................................ 25 ? layout ............................................................................................... 26 ? evaluating performance of the ad7903 .................................. 26 ? outline dimensions ....................................................................... 27 ? ordering guide .......................................................................... 27 ? revision history 1/14rev. 0 to rev. a change to gain error temperature drift parameter .................. 3 changes to figure 12 ........................................................................ 9 changes to figure 17 and figure 20............................................. 10 changes to figure 28 ...................................................................... 11 12/13revision 0: initial version data sheet ad7903 rev. a | page 3 of 28 specifications v dd = 2.5 v, v io = 2.3 v to 5.5 v, v ref = 5 v, t a = ? 40c to +125c, unless otherwise noted. 1 table 2. parameter test conditions /comments min typ max unit resolution 16 bits analog input voltage range in x + ? in x? ? v ref +v ref v absolute input voltage in x +, in x? ? 0.1 v ref + 0.1 v common - mode input range in x +, in x? v ref 0.475 v ref 0.5 v ref 0.525 v analog input cmrr f in = 450 khz 67 db leakage current at 25c acquisition phase 200 na input impedance see the analog input s section accuracy no missing codes 16 bits differential nonl inearity error v ref = 5 v ? 1.0 0.4 +1.0 lsb 2 v ref = 2.5 v 0.7 lsb 2 integral nonl inearity error v ref = 5 v ? 2.0 0 .5 + 2.0 lsb 2 v ref = 2.5 v 0.4 lsb 2 transition noise v ref = 5 v 0.75 lsb 2 v ref = 2.5 v 1.2 lsb 2 gain error 3 t min to t max ? 0.04 0.006 +0.0 4 % fs gain error temperature drift 0.19 ppm/c gain error match 3 t min to t max 0.0 0.025 % fs offset error 3 t min to t max ? 0.5 0.015 +0.5 mv offset temperature drift 0.3 ppm/c offset error match 3 t min to t max 0.05 1.0 mv power supply sensitivity v dd = 2.5 v 5% 0.1 lsb 2 throughput conversion rate v io 2.3 v up to 85c, v io 3.3 v above 85c , up to 125c 0 1 msps transient response full - scale step 290 ns ac accuracy dynamic range v ref = 5 v 9 5 .5 db 4 v ref = 2.5 v 92.5 db 4 over s ampled dynamic range f o ut = 10 ksps 113.5 db 4 signal -to - noise ratio ( snr ) f in = 1 khz, v ref = 5 v 92 94 db 4 f in = 1 khz, v ref = 2.5 v 89 91 db 4 spurious - free dynamic range ( sfdr ) f in = 1 khz ? 115 db 4 total harmonic distortion ( thd ) f in = 1 khz ? 112 db 4 signal - to - (noise + distortion) ( sinad ) f in = 1 khz, v ref = 5 v 91.5 93.5 db 4 f in = 1 khz, v ref = 2.5 v 88.5 90.5 db 4 channel -to - channel isolation f in = 10 khz ? 120 db 4 1 in this data sheet, the voltages for the vddx, viox, and refx pins are indicated by v dd , v io , and v ref , respectively. 2 with the 5 v input range, 1 lsb = 152.6 v. with the 2. 5 v input range, 1 lsb = 76.3 v . 3 see the terminology section. these specifications include full temperature range variation , but they do not include the error contribution from the external reference. 4 all specifications in decibels (db) are referred to a full - scale input fsr. although these parameters are referred to fu ll scale, they are tested with an input signal at 0.5 db below full scale, unless otherwise specified. ad7 903 data sheet rev. a | page 4 of 28 v dd = 2.5 v, v io = 2.3 v to 5.5 v, t a = ? 40c to +125c, unless otherwise noted. 1 table 3. parameter test conditions /comments min typ max unit reference voltage range 2.4 5.1 v load current 1 msps, v ref = 5 v , e ach adc 330 a sampling dynamics ? 3 db input bandwidth 10 mhz aperture delay v dd = 2.5 v 2.0 ns aperture delay match v dd = 2.5 v 2.0 ns digital inputs logic levels v il v io > 3 v ? 0.3 + 0.3 v io v v io 3 v ? 0.3 + 0.1 v vio v v ih v io > 3 v 0.7 v io v io + 0.3 v v io 3 v 0.9 v io v io + 0.3 v i il ? 1 +1 a i ih ? 1 +1 a digital outputs data format twos complement bits pipeline delay no delay; conversion results available immediately after conversion is complete 0 samples v ol i sink = + 500 a 0.4 v v oh i source = ?500 a v io ? 0.3 v power supplies vdd x 2.375 2.5 2.625 v vio x specified performance 2.3 5.5 v viox range full range 1.8 5.5 v i vddx each adc 1.4 1.6 ma i viox each adc 0.2 0.45 ma standby current 2 , 3 v dd and v io = 2.5 v, 25c 0.35 na power dissipation 10 ksps throughput 140 w 1 msps throughput 12.0 16 mw vdd only 7.0 mw ref only 3.3 mw vio only 1.7 mw energy per conversion 7.0 nj/sample temperature range 4 specified performance t min to t max ? 40 +125 c 1 in this data sheet, the voltages for the vddx, viox, and refx pins are indicated by v dd , v io , and v ref , respectively. 2 with all digital inputs forced to vio x or to ground as required. 3 during the acquisition phase. 4 contact analog devices, inc. , for the extended temperature range. data sheet ad7903 rev. a | page 5 of 28 timing specification s ? 40c to +125c, v dd = 2.37 v to 2.63 v, v io = 2.3 v to 5.5 v, unless otherwise stated. see figure 2 and figure 3 for load conditions. table 4. parameter symbol min typ max unit conversion time ( cnv x rising edge to data available ) t conv 500 710 ns acquisition time t acq 290 ns time between conversions t cyc vio x above 2.3 v 1000 ns cnv x pulse width ( cs mode) t cnvh 10 ns sck x period ( cs mode) t sck vio x above 4.5 v 10.5 ns vio x above 3 v 12 ns vio x above 2.7 v 13 ns vio x above 2.3 v 15 ns sckx period ( chain mode ) t sck vio x above 4.5 v 11.5 ns vio x above 3 v 13 ns vio x above 2.7 v 14 ns vio x above 2.3 v 16 ns sck x low time t sckl 4.5 ns sck x high time t sckh 4.5 ns sck x falling edge to data remains valid t hsdo 3 ns sck x falling edge to data valid delay t dsdo vio x above 4.5 v 9.5 ns vio x above 3 v 11 ns vio x above 2.7 v 12 ns vio x above 2.3 v 14 ns cnvx or sdix low to sdox, d15 (msb) valid ( cs mode) t en vio x above 3 v 10 ns vio x above 2.3 v 15 ns cnv x or sdi x high or last sck x falling edge to sdo x high impedance ( cs mode) t dis 20 ns sdi x valid setup time from cnv x rising edge ( cs mode ) t ssdicnv 5 ns sdi x valid hold time from cnv x rising edge ( cs mode) t hsdicnv 2 ns sck x valid setup time from cnv x rising edge ( chain m ode ) t ssckcnv 5 ns sck x valid hold time from cnv x rising edge ( chain m ode ) t hsckcnv 5 ns sdi x valid setup time from sck x falling edge ( chain m ode ) t ssdisck 2 ns sdi x valid hold time from sck x falling edge ( chain m ode ) t hsdisck 3 ns sdi x high to sdo x high ( chain m ode with busy indicator) t dsdosdi 15 ns figure 2 . load circuit for digital interface timing figure 3 . voltage levels for timing 500a i ol 500a i oh 1.4v to sdox c l 20pf 1 1755-002 x% viox 1 y% viox 1 v ih 2 v il 2 v il 2 v ih 2 t delay t delay 1 for viox 3.0v, x = 90 and y = 10; for viox > 3.0v, x = 70 and y = 30. 2 minimum v ih and maximum v il used. see specifications for digital inputs parameter in table 3. 11755-003 ad7 903 data sheet rev. a | page 6 of 28 absolute maximum rat ings table 5. parameter rating analog inputs in x +, in x ? to gnd 1 ? 0.3 v to v ref + 0.3 v or 1 0 ma supply voltage ref x , vio x to gnd ? 0.3 v to +6.0 v vdd x to gnd ? 0.3 v to +3.0 v vdd x to vio x +3 v to ?6 v digital inputs to gnd ? 0.3 v to v io + 0.3 v digital outputs to gnd ? 0.3 v to v io + 0.3 v storage temperature range ? 65c to +150c junction temperature 150c lead temperature s vapor phase (60 sec) 2 5 5c i nfrared (15 sec) 26 0c stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. esd caution 1 see the analog input s section for an explanation of in x + and in x ? . data sheet ad7903 rev. a | page 7 of 28 pin configuration an d function descripti ons figure 4 . pin configuration table 6 . pin function descriptions pin no. mnemonic type 1 description 1, 6 ref 1, ref2 ai reference input voltage. the ref x range is 2. 4 v to 5. 1 v. the s e pin s are referred to the gnd pin , and decouple each pin closely to the gnd pin with a 10 f capacitor. 2 , 7 vdd 1, vdd2 p power supplies . 3, 8 in 1+ , in 2+ ai differential positive analog input s . 4, 9 in 1? , in 2? ai differential negative analog input s . 5, 10 gnd p power supply ground. 11, 16 cnv 2, cnv1 di conver sion input s . th ese input s ha ve multiple functions. on the leading edge, they initiate conversions and select the interface mode of the device : chain mode or active low chip select ( cs ) mode . in cs mode, the sdo x pin s are enable d when the cnv x pins are low. in chain mode , the data must be read when the cnv x pins are high. 12, 17 sdo 2, sdo 1 do serial data output s . the conversion result is output on th ese pin s . the conversion result is synchronized to sck x . 13, 18 sck 2, sck 1 di serial data clock input s . when the device is selected, the conversion result s are shifted out by th ese clock s . 14, 19 sdi 2 , sdi 1 di serial data input s . these input s provid e multiple functions. they select the interface mode of the adc , as follows: cs mode is selected if the sdi x pins are high during the cnv x rising edge. in this mode, either sdi x or cnv x can enable the serial output signals when low . i f sdi x or cnv x is low when the conversion is complete, the busy indicator feature is enabled. 15, 20 vio 2, vio 1 p input/output interface digital power. nominally at the same supply as the host interface (2.5 v or 3.3 v). 1 ai = analog input, di = digital input, do = digital output, and p = power . 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 vdd1 in1+ in1? vdd2 ref2 gnd ref1 sdi1 sck1 sdo1 sdi2 vio2 cnv1 gnd in2? in2+ cnv2 sdo2 sck2 vio1 ad7903 top view (not to scale) 1 1755-004 ad7 903 data sheet rev. a | page 8 of 28 typical performance characteristics v dd = 2.5 v, v ref = 5.0 v, v io = 3.3 v, t a = 25c , f sample = 1 msps, unless otherwise noted. figure 5 . integral nonlinearity vs. code, v ref = 5 v figure 6 . integral nonlinearity vs. code, v ref = 2.5 v figure 7 . fft plot, v ref = 5 v figure 8 . differential nonlinearity vs. code, v ref = 5 v figure 9 . differential nonlinearity vs. code, v ref = 2.5 v figure 10 . fft plot, v ref = 2.5 v 0 6553 6 1638 4 3276 8 4915 2 1 . 0 ?1 . 0 ?0 . 8 ?0 . 6 ?0 . 4 ?0 . 2 0 0 . 2 0 . 4 0 . 6 0 . 8 i n l (l sb ) c o d e 1 1755 - 405 po si t i ve i n l : +0 . 35 l sb n eg a t i ve i n l : ?0 . 39 l sb 0 6553 6 1638 4 3276 8 4915 2 po si t i ve i n l : +0 . 39 l sb n eg a t i ve i n l : ?0 . 44 l sb 1 . 0 ?1 . 0 ?0 . 8 ?0 . 6 ?0 . 4 ?0 . 2 0 0 . 2 0 . 4 0 . 6 0 . 8 i n l (l sb ) c o d e 1 1755 - 406 0 500 100 200 300 400 11755-407 0 ?180 ?160 ?140 ?120 ?100 ?80 ?60 ?40 ?20 snr (db) frequency (khz) f sample = 1msps f in = 10khz snr = 95.04db thd = ?117.3db sfdr = 114.6db sinad = 95.02db 1 . 0 ?1 . 0 ?0 . 8 ?0 . 6 ?0 . 4 ?0 . 2 0 0 . 2 0 . 4 0 . 6 0 . 8 dn l (l sb ) c o d e 1 1755 - 408 0 6553 6 1638 4 3276 8 4915 2 po si t i ve dn l : +0 . 31 l sb n eg a t i ve dn l : ?0 . 38 l sb 1 . 0 ?1 . 0 ?0 . 8 ?0 . 6 ?0 . 4 ?0 . 2 0 0 . 2 0 . 4 0 . 6 0 . 8 dn l (l sb ) c o d e 1 1755 - 409 0 6553 6 1638 4 3276 8 4915 2 po si t i ve dn l : +0 . 39 l sb n eg a t i ve dn l : ?0 . 39 l sb 11755-410 0 ?180 ?160 ?140 ?120 ?100 ?80 ?60 ?40 ?20 snr (db) frequency (khz) f sample = 1msps f in = 10khz snr = 91.96db thd = ?110.2db sfdr = 114.5db sinad = 91.91db 0 500 100 200 300 400 data sheet ad7903 rev. a | page 9 of 28 figure 11 . histogram of a dc input at the code center, v ref = 5 v figure 12 . histogram of a dc input at the code transition, v ref = 5 v figure 13 . snr, sinad, and enob vs. reference voltage figure 14 . histogram of a dc input at the code center, v ref = 2.5 v figure 15 . snr vs. input level figure 16 . thd, sfdr vs. reference voltage 45000 40000 35000 30000 25000 20000 15000 10000 5000 0 ffe1 ffe2 ffe3 ffe4 ffe5 ffe6 ffe7 ffe8 ffe9 ffea number of occurrences codes in hex 1 1755-4 1 1 40000 35000 30000 25000 20000 15000 10000 5000 0 ffd2 ffd3 ffd4 ffd5 ffd6 ffd7 ffd8 ffd9 ffda ffdb number of occurrences codes in hex 1 1755-412 100 98 96 94 92 90 88 86 84 82 80 16.0 12.0 12.5 13.0 13.5 14.0 14.5 15.0 15.5 2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25 snr, sinad (db) enob (bits) reference voltage (v) snr sinad enob 1 1755-413 45000 40000 35000 30000 25000 20000 15000 10000 5000 0 fff1 fff2 fff3 fff4 fff5 fff6 fff7 fff8 fff9 fffb fffa number of occurrences codes in hex 1 1755-414 98 97 96 95 94 93 92 ?10 ?9 ?8 ?7 ?6 ?5 ?4 ?3 ?2 ?1 0 snr (db) input level (db) 1 1755-415 ?95 ?125 ?110 ?115 ?105 ?100 ?120 115 85 100 95 105 110 90 2.25 5.25 reference voltage (v) thd (db) sfdr (db) 2.75 3.25 3.75 4.25 4.75 thd sfdr 1 1755-416 ad7903 data sheet rev. a | page 10 of 28 figure 17. sinad vs. input frequency figure 18. snr vs. temperature figure 19. operating currents of each adc vs. vdd supply voltage figure 20. thd vs. input frequency figure 21. thd vs. temperature figure 22. operating currents of each adc vs. sample ratecr 96 85 86 87 88 89 90 91 92 93 94 95 10 input frequency (khz) sinad (db) 100 11755-417 94.8 93.4 93.6 93.8 94.0 94.2 94.4 94.6 temperature (c) snr (db) ?55 ?35 ?15 5 25 45 65 85 105 125 11755-418 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 current (ma) 2.425 2.475 vdd voltage (v) 2.375 2.525 2.575 2.625 i vdd i ref i vio 11755-050 ? 80 ?85 ?90 ?95 ?100 ?105 ?110 ?115 ?120 10 input frequency (khz) thd (db) 100 11755-420 ? 100 ?105 ?110 ?115 ?120 ?125 temperature (c) thd (db) ?55 ?35 ?15 5 25 45 65 85 105 125 11755-421 1.6 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10 100 sample rate (ksps) current (ma) 1000 i vdd i vio t a = 25c 11755-422 data sheet ad7903 rev. a | page 11 of 28 figure 23. operating currents of each adc vs. temperature figure 24. offset error vs. temperature figure 25. gain error vs. temperature figure 26. power-down current of each adc vs. temperature figure 27. offset error match vs. temperature figure 28. gain error match vs. temperature 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 current (ma) ?55 ?35 ?15 5 25 temperature (c) 45 65 85 105 125 i vdd i ref i vio 11755-053 0.10 ?0.10 ?0.08 ?0.06 ?0.04 ?0.02 0 0.02 0.04 0.06 0.08 temperature (c) offset error (mv) ?55 ?35 ?15 5 25 45 65 85 105 125 11755-424 0.05 ?0.05 ?0.03 ?0.01 0.01 0.03 temperature (c) gain error (% fs) ?55 ?35 ?15 5 25 45 65 85 105 125 11755-425 8 7 6 5 4 3 2 1 0 current (a) ?55 ?35 ?15 5 25 temperature (c) 45 65 85 105 125 i vdd + i vio 11755-054 0.10 ?0.10 ?0.08 ?0.06 ?0.04 ?0.02 0 0.02 0.04 0.06 0.08 temperature (c) offset error match (mv) ?55 ?35 ?15 5 25 45 65 85 105 125 11755-427 0.010 ?0.010 ?0.005 0 0.005 temperature (c) gain error match (% fs) ?55 ?35 ?15 5 25 45 65 85 105 125 11755-428 ad7903 data sheet rev. a | page 12 of 28 figure 29. channel-to-channel isolation vs. temperature figure 30. channel-to-channel isolation vs. input frequency ? 112 ?113 ?114 ?115 ?116 ?117 ?118 ?119 ?120 ?121 temperature (c) ?55 ?35 ?15 5 25 45 65 85 105 125 f in = 10khz f sample = 1msps 11755-429 channel-to-channel isolation (db) ? 112 ?124 ?122 ?120 ?118 ?116 ?114 10 input frequency (mhz) channel-to-channel isolation (db) 100 11755-430 data sheet ad7903 rev. a | page 13 of 28 terminology integral nonlinearity error (inl) inl refers to the deviation of each individual code from a line drawn from negative full scale through positive full scale. the point used as negative full scale occurs ? lsb before the first code transition. positive full scale is defined as a level 1? lsb beyond the last code transition. the deviation is measured from the middle of each code to the true straight. differential nonlinearity error (dnl) in an ideal adc, code transitions are 1 lsb apart. dnl is the maximum deviation from this ideal value. it is often specified in terms of resolution for which no missing codes are guaranteed. offset error offset error is the difference between the ideal midscale voltage (that is, 0 v) and the actual voltage producing the midscale output code (that is, 0 lsb). offset error match it is the difference in offsets, expressed in millivolts between the channels of a multichannel converter. it is computed with the following equation: offset matching = voffset max ? voffset min where: voffset max is the most positive offset error. voffset min is the most negative offset error. offset matching is usually expressed in millivolts with the full- scale input range stated in the product data sheet. gain error the first transition (from 100 00 to 100 01) should occur at a level ? lsb above nominal negative full scale (?4.999981 v for the 5 v range). the last transition (from 011 10 to 011 11) occurs for an analog voltage that is 1? lsb below the nominal full scale (4.999943 v for the 5 v range). the gain error is the deviation of the difference between the actual level of the last transition and the actual level of the first transition from the difference between the ideal levels. gain error match it is the ratio of the maximum full scale to the minimum full scale of a multichannel adc. it is expressed as a percentage of full scale using the following equation: %100 2 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? min max min max fsr fsr fsr fsr matching gain where: fsr max is the most positive gain error of the adc. fsr min is the most negative gain error. spurious-free dynamic range (sfdr) sfdr is the difference, in decibels (db), between the rms amplitude of the input signal and the peak spurious signal. effective number of bits (enob) enob is a measurement of the resolution with a sine wave input. it is related to sinad by the following formula: enob = ( sinad db ? 1.76)/6.02 enob is expressed in bits. noise free code resolution noise free code resolution is the number of bits beyond which it is impossible to distinctly resolve individual codes. it is calculated as follows: noise free code resolution = log 2 (2 n / peak-to-peak noise ) noise free code resolution is expressed in bits. effective resolution effective resolution is calculated as follows: effective resolution = log 2 (2 n / rms input noise ) effective resolution is expressed in bits. total harmonic distortion (thd) thd is the ratio of the rms sum of the first five harmonic components to the rms value of a full-scale input signal and is expressed in decibels (db). dynamic range dynamic range is the ratio of the rms value of the full scale to the total rms noise measured with the inputs shorted together. the value for dynamic range is expressed in decibels (db). it is measured with a signal at ?60 dbfs to include all noise sources and dnl artifacts. signal-to-noise ratio (snr) snr is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the nyquist frequency, excluding harmonics and dc. the value for snr is expressed in decibels (db). signal-to-(noise + distortion) (sinad) ratio sinad is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the nyquist frequency, including harmonics but excluding dc. the value for sinad is expressed in decibels (db). aperture delay aperture delay is the measure of the acquisition performance. it is the time between the rising edge of the cnvx input and when the input signal is held for a conversion. transient resp onse transient response is the time required for the adc to accurately acquire its input after a full-scale step function is applied. ad7903 data sheet rev. a | page 14 of 28 theory of operation figure 31 . adc simplified schematic circuit information the ad7903 is a fast, low p ower, precise, dual 16 - bit adc using a successive approximation architecture. the ad7903 is capable of simultaneously converting 1,000,000 samples per second (1 msps) and powers down between con - versions. when operating at 10 ksps, for example, it typically consumes 70 w per adc , making it ideal for battery - powered applications. the ad7903 provides the user with an on - chip track - and - hold and does not exhibit any pipeline delay or latency, making it ideal for multi channel multiplexed applications. the ad7903 can be interfaced to any 1.8 v to 5 v digital logi c family. it is available in a 2 0 - lead qsop that allows flexible configurations. the device is pin - fo r - pin compatible with the pseudo d ifferential , 16- bit AD7902 . converter operation the ad7903 is a dual successive approximation adc based on a charge redistribution dac. figure 31 shows the simplified schematic of the adc. the capacitive dac consis ts of two identical arrays of 16 binary - weighted capacitors, which are connected to the two comparator inputs. d uring the acquisition phase of each adc , terminals of the array tied to the input of the comparator are connected to gnd via sw x + and sw x ? . all independent switches are connected to the analog inputs. therefore, the capacitor arrays are used as sampling ca pacitors and acquire the analog signal on the in x + and in x ? inputs. when the acquisition phase is complete and the cnv x input goes high, a conversion phase is initiated. when the conversion phase begins, sw x + and sw x ? are opened first. the two capacitor ar rays are then disconnected from the inputs and connected to the gnd input. therefore, the differential voltage between the in x + and in x ? inputs , captured at the end of the acquisition phase , is applied to the comparator inputs, causing the comparator to be come unbalanced. by switching each element of the capacitor array between gnd and ref x , the comparator input varies by binary - weighted voltage steps (v ref /2, v ref /4 ... v ref /65 ,536). the control logic toggles these switches, starting with the msb, to bring the comparator back into a balanced condition. after the completion of this process, the part returns to the acquisition phase, and the control logic generates the adc output code a nd a busy signal indicator. because the ad7903 has an on - board conversion clock, the serial clock, sck x , is not required for the conversion process. transfer functions the ideal transfe r character istic for the ad7903 is shown in figure 32 and ta ble 7 . figure 32 . adc ideal transfer function tale 7 . output codes and ideal input voltages description analog input, v ref = 5 v digital output code (hex) fsr ? 1 lsb +4.999962 v 0x7 fff 1 midscale + 1 lsb +38.15 v 0x 0001 midscale 0 v 0x 0000 midscale ? 1 lsb ? 38.15 v 0xffff ? fsr + 1 lsb ? 4.999962 v 0x 8001 ? fsr ? 5 v 0x8000 2 1 this is also the code for an overranged analog input (v in+ ? v in? above v ref ? v gnd ). 2 this is also the code for an underranged analog input (v in+ ? v in? below v gnd ). c o mp s w i t ch es c o n t r o l bu sy o u t p u t c o d e cn vx c o n t r o l l ogi c s w x + l sb s w x ? l sb i n x + r e f x g n d i n x ? msb msb c c 4 c 2 c 16 , 384 c 32 , 768 c c c 4 c 2 c 16 , 384 c 32 , 768 c 11755 - 01 1 100...000 100...001 100...010 011...101 011...110 011...111 adc code (twos complement) analog input +fsr ? 1.5 lsb +fsr ? 1 lsb ?fsr + 1 lsb ?fsr ?fsr + 0.5 lsb 1 1755- 1 12 data sheet ad7903 rev. a | page 15 of 28 typical connection d iagram figure 35 shows an example of the recommended connection diagram for the ad7903 when multiple supplies are available. analog input s figure 33 shows an equivalent circuit of the input structure of the ad7903 . the two diodes, d1 and d2, p rovide esd protection for the analog inputs, inx+ and inx?. the analog input signal must never exceed the reference input voltage ( v ref ) by more than 0.3 v. if the analog input signal exceeds this level, the diodes become forward biased and start conductin g current. these diodes can handle a forward - biased current of 130 ma maximum. however, if the supplies of the input buffer (for example, the supplies of the ada4841 - 1 in figure 35 ) are different from those of the v ref , the analog input signal may eventually exceed the supply rails by more than 0.3 v. in such a case (for exampl e, an input buffer with a short circuit), the current limitation can be used to protect the device . figure 33 . equivalent analog input circuit the analog input structure allows for the sampling of the differential signal between in x + and in x ? . by using these differential inputs, signals common to both inputs , and within the allowable common - mode input range , are rejected. figure 34 . analog input cmrr vs. frequency during the acquisition phase, the impe dance of the analog inputs (inx+ or inx?) can be modeled as a parallel combination of the c pin c apacitor and the network formed by the series con nection of r in and c in . c pin is primarily the pin capacitance. r in is typically 400 ? and is a lumped component composed of serial resistors and the on resistance of the switches. c in is typically 30 pf and is mai nly the adc sampling capacitor. during the sampling phase, where the switches are closed, the input impedance is limited to c pin . r in and c in make a one - p ole, low - pass filter that reduces undesirable aliasing effects and limits noise. when the source impedance of the driving circuit is low, the ad7903 can be driven directly. large source impedances significantly affect the ac performance, especially thd. the dc performances are less sensitive to the input impedance. the maximum source impedance depends on the amount of thd that can be tolerated. the thd degrades as a function of the source impedance and the maximum input frequency. figure 35 . typical application diagram with multiple supplies c pin refx r in c in d1 d2 inx+ or inx? gnd 11755-114 90 85 80 75 70 65 60 1k 10k 100k 1m 10m frequency (hz) cmrr (db) 11755-040 ad 790 3 adc x 3 - w i r e i n t e r f ac e 2 . 5 v v+ 1 . 8 v t o 5 v 100 n f 10 f 2 100 n f r e f x i n x + i n x ? v dd x v io x s d i x cn vx s ck x s d o x g n d r ef 1 20 v+ v? 0 v t o v r e f 2 . 7 n f 4 20 v+ v? v r e f t o 0 v ada 4841 -1 3 2 . 7 n f 4 1 see t h e v o lt a g e r e f e r e nc e i n p u t se c t io n f o r r e f e r e nc e se l e c t io n . 2 c r e f i s u s ua ll y a 10 f c e ra m i c ca p ac i t o r (x 5 r ). see r e c o mme nd e d l a y o u t i n f ig ur e 54. 3 see t h e dr i ve r a mp l i f i e r ch oi c e se c t io n . 4 o p t io na l f i lt e r . see t h e ana l og i n p u t s se c t io n . 11755 - 01 3 ad7903 data sheet rev. a | page 16 of 28 driver amplifier cho ice although the ad7903 is easy to drive, the driver amplifier must meet the following requirements: ? the noise generated by the driver amplifier must be kept as low as possible to preserve the snr and transition noi se performance of the ad7903 . the noise from the driver is filtered by the one - pole, low - pass filter of the ad7903 analog input circuit , made by r in and c in or by the external filter, if one is used. because the typical noise of the ad7903 is 40 v rms , the snr degradation due to the amplifier is ? ? ? ? ? ? ? ? ? ? ? ? + = ? 2 2 ) ( 2 40 40 log 20 n 3db loss ne f snr where: f ? 3 db is the input bandwidth, in megahertz, of the ad7903 (10 mhz) or the cutoff fre quency of the input filter, if one is used. n is the noise gain of the amplifier ( for example, gain = 1 in buffer configuration ; see figure 35) . e n is the equivalent input noise voltage of the op amp, in nv/hz. ? for ac applications, the driver must have a thd perfor m ance that is commensurate with the ad7903 . ? for multichannel , multiplexed applications, the driver amplifier and the ad7903 analog input circuit must settle for a full - scale step onto the capacitor array at a 16 - bit level (0.00 15%, 15 ppm). in the amplifier data sheet, settling at 0.1% to 0.01% is more commonly specified. this may differ significantly from the settling time at a 16 - bit level . be sure to verify the settling time prior to driver selection . table 8 . recommended driver amplifiers amplifier typical application ada4941 -1 very low noise, low power, single to differential ada4841 -x very low noise, small, and low power ad8021 very low noise and high frequency ad8022 low noise and high frequency op184 low power, low noise, and low frequency ad8655 5 v single supply, low noise ad8605 , ad8615 5 v single supply, low pow er single - to- differential driver for applications using a single - ended analog signal, either bipolar or unipolar, the ada4941 - 1 single - ended - to - differential driver allows a differential input to the device . the schematic is shown in figure 36. r1 and r2 set the attenuation ratio between the input range and the adc range (v ref ) . r1, r2, and c f are chosen depending on the desired input resistance, signal bandwidth, antialiasing, and noise contribution. for example, for the 10 v range with a 4 k? impedance, r1 = 4 k? and r2 = 1 k?. r3 and r4 set the common mode on the in x ? input, and r5 and r6 set the common mode on the inx+ input of the adc. the common mode must be close to v ref /2. for example, for the 10 v range with a single supply, r3 = 8.45 k?, r4 = 11.8 k?, r5 = 10.5 k?, and r6 = 9.76 k?. figure 36 . single - ended - to - differential driver circuit 10f r1 100nf +2.5v +5v ref +5.2v ?0.2v c f r2 r4 r6 10v, 5v, .. r3 r5 refx vddx gnd inx+ inx? ad7903 adcx 2.7nf 2.7nf ada4941-1 in fb outp outn ref 100nf 1 1755- 1 15 data sheet ad7903 rev. a | page 17 of 28 voltage reference in put the ad7903 voltage reference input, ref, has a dynamic input impedance and must therefore be driven by a low impedance source with efficient decoupling between the ref x and gnd pins, as explained in the layout section. when ref is driven by a very low impedance source (for example, a reference buffer using the ad8031 or the ad8605 ), a 10 f (x5r, 0805 size) ceramic chip capacitor is appropriate for optimum performance. if an unbuffered reference voltage is used, the decoupling value depends on the reference used. for i nstance, a 22 f (x5r, 1206 size) ceramic chip capacitor is appropriate for optimum performance using a low temperature drift adr43x reference. if desired, a reference decoupling capacitor with val ues as small as 2.2 f can be used with a minimal impact on performance, especially dnl. regardless, there is no need for an additional lower value ceramic decoupling capacitor (for example, 100 nf) between the ref x and gnd pins. power supply the ad7903 uses two power supply pins per adc : a core supply ( vdd x ) and a digital input/output interface supply ( vio x ) . vio x allows direct interface with any logic between 1.8 v and 5.5 v. to reduce the numbe r of supplies needed, vio x and vdd x can be tied together. the ad7903 is independent of power supply sequencing between vio x and vdd x . additionally, it is very insensitive to power supply variations over a wide frequency range, as shown in figure 37. figure 37 . psrr vs. frequency for optimum performance, ensure that vdd x is roughly half of ref x , the voltage reference input . for example, if ref x is 5.0 v, set vdd x to 2.5 v (5%). the ad7903 powers down automatically at the end of each conversion phase; therefore, the power scales linearly with the sampling rate. this makes the part ideal for low sampling rates (of even a few hertz) and low battery - powered applications. figure 38 . operating currents per adc vs. sampling rate digital interface although the ad7903 has a reduced number of pins, it offers flexibility in its serial interface modes. when in cs mode, the ad7903 is compatible with spi, qspi, digital hosts, and dsps. in this mode, the ad7903 can use either a 3 - wire or 4 - wire interface. a 3 - wire interface using the cnv x , sck x , and sdo x signals minimizes wiring connections useful, for instance, in isolated applications. a 4 - wire interface using the sdi x , cnv x , sck x , and sdo x signals allows cnv x , which initiat es the conversions, to be independent of the readback timing (sdi x ). this is useful in low jitter sampling or simultaneous sampling applications. when in chain mode, the ad7903 provides a daisy - ch ain feature using the sdi x input for cascading multiple adcs on a single data line similar to a shift register. with the ad7903 housing two adcs in one package, chain mode can be utilized to acqui re data from both adcs while using only one set of 4 - wire user interface signals. the mode in which the device operates depends on the sdi x level when the cnv x rising edge occurs. cs mode is selected if sdi x is high, and chain mode is selected if sdi x is low. the sdi x hold time is such that when sdi x and cnv x are connected to gether, chain mode is always selected. in either mode, the ad7903 offers the option of forcing a start bit in front of the data bits. this start bit can be used as a busy signal indicator to interrupt the digital host and trigger the data read ing . otherwise, without a busy indicator, the user must time out the maximum c onversion time prior to readback. the busy indicator feature is enabled as follows: ? in cs mode if cnv x or sdi x is low when the adc conversion ends (see figure 42 and figure 46). ? in chain mode if sck x is high during the cnv x rising edge (see figure 50). 95 90 85 80 75 70 65 60 psrr (db) 1k 10k 100k 1m frequency (hz) 11755-139 10 1 0.1 0.01 0.001 operating currents (ma) 100000 sampling rate (sps) 10000 1000000 i ref 11755-137 i vdd i vio ad7903 data sheet rev. a | page 18 of 28 cs mode cs mode, 3-wire interface without busy indicator cs mode, using a 3-wire interface without a busy indicator, is usually used when a single ad7903 is connected to a spi- compatible digital host. the connection diagram is shown in figure 39, and the corresponding timing diagram is shown in figure 40. with sdix tied to viox, a rising edge on cnvx initiates a conversion, selects cs mode, and forces sdox to high impedance. when a conversion is initiated, it continues until completion, irrespective of the state of cnvx. this can be useful, for instance, to bring cnvx low to select other spi devices, such as analog multiplexers. however, to avoid generation of the busy signal indicator, cnvx must be returned high before the minimum conversion time elapses and then held high for the maximum possible conversion time. when the conversion is complete, the ad7903 enters the acquisition phase and powers down. when cnvx goes low, the msb is automatically output onto sdox. the remaining data bits are clocked by subsequent sckx falling edges. the data is valid on both sckx edges. although the rising edge can be used to capture the data, a digital host using the falling edge of sckx allows a faster reading rate, provided that it has an acceptable hold time. after the 16 th sckx falling edge or when cnvx goes high (whichever occurs first), sdox returns to high impedance. figure 39. cs mode, 3-wire interface without busy indicator connection diagram (sdix high) figure 40. cs mode, 3-wire interface without busy indi cator serial interface timing (sdi high) ad7903 sdix sdox cnvx sckx convert data in clk digital host viox 11755-116 sdix = 1 t cnvh t conv t cyc cnvx acquisition acquisition t acq t sck t sckl conversion sckx t en t hsdo 123 14 1516 t dsdo t dis t sckh sdox d15 d14 d13 d1 d0 11755-216 data sheet ad7903 rev. a | page 19 of 28 cs mode, 3-wire interface with busy indicator cs mode, using a 3-wire interface with a busy indicator, is usually used when a single ad7903 is connected to an spi- compatible digital host having an interrupt input. the connection diagram is shown in figure 41, and the corresponding timing is shown in figure 42. with sdix tied to viox, a rising edge on cnvx initiates a conversion, selects cs mode, and forces sdox to high impedance. sdox is maintained in high impedance until the completion of the conversion, irrespective of the state of cnvx. prior to the minimum conversion time, cnvx can be used to select other spi devices, such as analog multiplexers, but cnvx must be returned low before the minimum conversion time elapses and then held low for the maximum possible conversion time to guarantee the generation of the busy signal indicator. when the conversion is complete, sdo goes from high impedance to low impedance. with a pull-up on the sdox line, this transition can be used as an interrupt signal to initiate the data reading controlled by the digital host. the ad7903 then enters the acquisition phase and powers down. the data bits are then clocked out, msb first, by subsequent sckx falling edges. the data is valid on both sckx edges. although the rising edge can be used to capture the data, a digital host using the sckx falling edge allows a faster reading rate, provided that it has an acceptable hold time. after the optional 17 th sckx falling edge or when cnvx goes high (whichever occurs first), sdox returns to high impedance. if multiple adcs are selected at the same time, the sdox output pin handles this contention without damage or induced latch-up. meanwhile, it is recommended that this contention be kept as short as possible to limit extra power dissipation. figure 41. cs mode, 3-wire interface with busy indicator connection diagram (sdix high) figure 42. cs mode, 3-wire interface with busy indicator serial interface timing (sdix high) ad7903 sdix sdox cnvx sckx convert data in clk digital host viox irq viox 47k ? 11755-118 t conv t cnvh t cyc acquisition acquisition t acq t sck t sckh t sckl conversion sckx cnvx sdix = 1 sdox d15 d14 d1 d0 t hsdo 123 15 1617 t dsdo t dis 11755-218 ad7903 data sheet rev. a | page 20 of 28 cs mode, 4 - wire interface without busy indicator cs mode , using a 4 - wire interface without a busy indicator , is usually used when both adcs within the ad7903 are connected to a spi - compatible digital host. see figure 43 for a n ad7903 conn ection diagram example . t he corresponding timing diagram is shown in figure 44. with sdi x high, a rising edge on cnv x initiates a conversion, selects cs mode, and forces sdo x to high impedance. in this mode, cnv x must be held high during the conver sion phase and the subsequent data readback. (if sdi x and cnv x are low, sdo x is driven low.) prior to the minimum conversion time, sdi x can be used to select other spi devices, such as analog multiplexers, but sdi x must be returned high before the minimum conversion time elapses and then held high for the maximum possible conversion time to avoid the generation of the busy signal indicator. when the conversion is complete, the ad7903 enters the acq uisition phase and powers down. each adc result can be read by bringing its respective sdi x input low, which consequently outputs the msb onto sdo x . the r emaining data bits are then clocked by subsequent sck x falling edges. the data is valid on both sck x edges. although the rising edge can be used to capture the data, a digital host using the sck x falling edge allows a faster reading rate, provided it has an acceptable hold time. after the 1 6 th sck x falling edge or when sdi x goes high (whichever occurs fi rst), sdo x returns to high impedance , and another adc result can be read. figure 43 . cs mode, 4 - wire interface without busy indicator connection diagram figure 44 . cs mode, 4 - wire interface without busy indicator serial interface timing ad7903 adc2 sdi2 sdo2 cnv2 sck2 convert data in clk digital host cs1 cs2 ad7903 adc1 sdi1 sdo1 cnv1 sck1 11755-120 t conv t cyc acquisition acquisition t acq t sck t sckh t sckl conversion sckx cnvx t ssdicnv t hsdicnv sdox d 1 15 d 1 13 d 1 14 d 1 1 d 1 0 d 2 15 d 2 14 d 2 1 d 2 0 t hsdo t en 1 2 3 14 15 16 17 18 30 31 32 t dsdo t dis sdi1 (cs1) sdi2 (cs2) 11755-220 data sheet ad7903 rev. a | page 21 of 28 cs mode, 4 - wire interface with busy indicator cs mode , using a 4 - wire interface with a busy indicator , is usually used when a n ad7903 is con nected to a spi - compatible digital host with an interrupt input . this cs mode is also used when it is desir able to keep cnv x , which is used to sample the analog input, independent of the signal that is used to select the data reading. this independence is particularly important in applications where low jitter on cnv x is desired. the connec tion diagram is shown in figure 45 , and the corresponding timing is given in figure 46. with sdi x high, a rising edge on cnv x initiates a conversion, selects cs mode, and forces sdo x to high impedance. in this mode, cnv x must be held high during the conversion phase and the subsequent data readback. (if s di x and cnv x are low, sdo x is driven low.) prior to the minimum conversion time, sdi x can be used to select other spi devices, such as analog multiplexers, but sdi x must be returned low before the minimum conversion time elapses and then held low for the maximum possible conversion time to guarantee the generation of the busy signal indicator. when the conversion is complete, sdo x goes from high impedance to low impe dance. with a pull - up on the sdo x line, this transition can be used as an interrupt signal to initiate the data readback controlled by the digital host. the ad7903 then enters the acquisition phas e and powers down. the data bits are then clocked out, msb first, by subsequent sck x falling edges. the data is valid on both sck x edges. although the rising edge can be used to capture the data, a digital host using the sck x falling edge allows a faster r eading rate, provided that it has an acceptable hold time. after the optional 17 th sck x falling edge or sdi x going high (whichever occurs first), sdo x returns to high impedance. figure 45 . cs mode, 4 - wire interface with busy indicator connection diagram figure 46 . cs mode, 4 - wire interface with busy indicator serial interface timing ad7903 sdix sdox cnvx sckx convert data in clk digital host irq viox 47k? cs1 11755-122 t conv t cyc acquisition t ssdicnv acquisition t acq t sck t sckh t sckl conversion sdix t hsdicnv sckx cnvx sdox t en d15 d14 d1 d0 t hsdo 1 2 3 15 16 17 t dsdo t dis 11755-222 ad7903 data sheet rev. a | page 22 of 28 chain mode chain mode without busy indicator chain mode without a busy indicator can be used to daisy- chain both adcs within an ad7903 on a 3-wire serial interface. this feature is useful for reducing component count and wiring connections, for example, in isolated multiconverter applications or for systems with a limited interfacing capacity. data readback is analogous to clocking a shift register. see figure 47 for a connection diagram example using both adcs in an ad7903 . the corresponding timing is shown in figure 48. when sdix and cnvx are low, sdox is driven low. with sckx low, a rising edge on cnvx initiates a conversion, selects chain mode, and disables the busy indicator. in this mode, cnvx is held high during the conversion phase and the subsequent data readback. when the conversion is complete, the msb is output onto sdox and the ad7903 enters the acquisition phase and powers down. the remaining data bits stored in the internal shift register are clocked by subsequent sckx falling edges. for each adc, sdix feeds the input of the internal shift register and is clocked by the sckx falling edge. each adc in the chain outputs its data msb first, and 16 n clocks are required to read back the n adcs. the data is valid on both sckx edges. although the rising edge can be used to capture the data, a digital host using the sckx falling edge allows a faster reading rate and, consequently, more ad7903 devices in the chain, provided that the digital host has an acceptable hold time. the maximum conversion rate may be reduced due to the total readback time. figure 47. chain mode without busy indicator connection diagram figure 48. chain mode without busy indicator serial interface timing convert data in clk digital host ad7903 adc2 sdi2 sdo2 cnv2 sck2 ad7903 adc1 sdi1 sdo1 cnv1 sck1 11755-124 t conv t cyc t ssdisck t sckl t sck t hsdisck t acq acquisition t ssckcnv acquisition t sckh conversion sdo1 = sdi2 t hsckcnv sckx cnvx sdi1 = 0 sdo2 t en d 1 15 d 1 14 d 1 13 d 2 15 d 2 14 d 2 13 d 2 1d 2 0d 1 15 d 1 14 d 1 0 d 1 1 d 1 1d 1 0 t hsdo 1 2 3 151617 14 18 30 31 32 t dsdo 11755-224 data sheet ad7903 rev. a | page 23 of 28 chain mode with busy indicator chain mode with a busy indicator can also be used to daisy- chain both adcs within an ad7903 on a 3-wire serial interface while providing a busy indicator. this feature is useful for reducing component count and wiring connections, for example, in isolated multiconverter applications or for systems with limited interfacing capacity. data readback is analogous to clocking a shift register. see figure 49 for a connection diagram example using three ad7903 adcs. the corresponding timing is shown in figure 50. when sdix and cnvx are low, sdox is driven low. with sckx high, a rising edge on cnvx initiates a conversion, selects chain mode, and enables the busy indicator feature. in this mode, cnvx is held high during the conversion phase and the subsequent data readback. when all adcs in the chain have completed their conversions, the sdox pin of the adc closest to the digital host (see the adc labeled adcx in the ad7903 b box in figure 49) is driven high. this transition on sdox can be used as a busy indicator to trigger the data readback controlled by the digital host. the ad7903 then enters the acquisition phase and powers down. the data bits stored in the internal shift register are clocked out, msb first, by subsequent sckx falling edges. for each adc, sdix feeds the input of the internal shift register and is clocked by the sckx falling edge. each adc in the chain outputs its data msb first, and 16 n + 1 clocks are required to read back the n adcs. although the rising edge can be used to capture the data, a digital host using the sckx falling edge allows a faster reading rate and, consequently, more adcs in the chain, provided that the digital host has an acceptable hold time. figure 49. chain mode with bu sy indicator connection diagram figure 50. chain mode with busy indicator serial interface timing convert data in clk digital host ad7903 sdixb sdoxb cnvx sckx ad7903 ad7903 a ad7903 b sdi1a sdo1a cnvx sckx irq ad7903 sdi2a sdo2a cnvx adcx adc1 adc2 sckx 11755-126 notes 1. dashed line denoted adcs are within a given package. 2. sdi1a and sdo1a refer to the sdi1 and sdo1 pins in adc1 in the first ad7903 of the chain (ad7903 a). sdi2a and sdo2a refer to the sdi2 and sdo2 pins in adc2 of ad7903 a. likewise, sdixb and sdoxb refer to the sdix and sdox pins in both adc1 and adc2 of the second ad7903 in the chain (ad7903 b) t conv t cyc t ssdisck t sckh t sck t hsdisck t acq t dsdosdi t dsdosdi t dsdodsi acquisition t ssckcnv acquisition t sckl conversion t hsckcnv sckx cnvx = sdi1 a s do1 a =sdi2 a s do2 a =sdix b sdox b t en d a1 15 d a1 14 d a1 13 d a2 15 d a2 14 d a2 13 d bx 15 d bx 14 d bx 13 d a2 1d a2 0d a1 15 d a1 14 d a1 1d a1 0 d bx 1d bx 0d a2 15 d a2 14 d a1 0 d a1 1 d a2 0 d a2 1d a1 14 d a1 15 d a1 1d a1 0 t hsdo 123 151617 4 1819 3132333435 474849 t dsdo t dsdosdi t dsdosdi 11755-226 ad7903 data sheet rev. a | page 24 of 28 application s information simultaneous s ampling by having two unique user interfaces, the ad7903 provides maximum flexibility with respect to how conversion results are accessed from the device. the ad7903 provides an option for the two user interfaces to share the convert start (cnv x ) signal from the digital host , creating a 2 - channel , simultaneous sampling device. in applications such as control applications, where latency between the sampling instant and the availability of results in the digital host is critical, it is recommended that the ad7903 be configure d as shown in figure 51 . this configuration allows simultaneous data read s, in addi tion to simultaneous sampling. however, this configuration also require s an additional data input pin on the digital host. this scenario allow s the fastest throughput because it requires only 15 or 16 sck x falling edges (depending on the status of the busy indicator ) to acquire data from the adc. alternatively, for applications where simultaneous sampling is require d but pins on the digital host are limi ted, the two user interfaces on the ad7903 can be connected in one of the daisy - chain configuration s s hown in figure 47 and figure 49 . this daisy chaining allow s the user to implement simultaneous sampling functionality while requiring only one digital host input pin. this scenario require s 31 or 32 sck x falling edges (depending on the status of the busy indicator) to acquire data from the adc . figure 51 s hows a n example of a simultaneous sampling system using two data inputs for the digital host. the corresponding timing diagram in figure 52 shows a cs mode , 3 - w ire simul - taneous sampling serial interface with out a busy i ndicator. however, any of the 3 - wire or 4 - wire serial interface timing options can be used. figure 51 . potential simultaneous sampling connection diagram figure 52 . potential simultaneous sampling serial interface timing vio1 vio2 convert data in 2 clk digital host data in 1 ad7903 adc2 sdi2 sdo2 cnv2 sck2 ad7903 adc1 sdi1 sdo1 cnv1 sck1 11755-324 sdix = 1 t cnvh t conv t cyc cnvx acquisition acquisition t acq t sck t sckl conversion sckx t en t hsdo 1 2 3 14 15 16 t dsdo t dis t sckh sdo1 d15 d14 d13 d1 d0 sdo2 d15 d14 d13 d1 d0 11755-316 data sheet ad7903 rev. a | page 25 of 28 functional safety considerations the ad7903 contains two physically isolated adcs, making it ideally suited for functional safety applications. because of this isolation, each adc features an independent user interface, an independent reference input, an independent analog input, and independent supplies. physical isolation renders the device suitable for taking verification/backup measurements while separating the verification adc from the system under control. although the simultaneous sampling section describes how to operate the device in a simultaneous nature, the circuit is actually composed of two individual signal chains. this separation makes the ad7903 ideal for handling redundant measurement applications. implementing a signal chain with redundant adc measurement can contribute to a no single error system. figure 53 shows a typical functional safety application circuit consisting of a redundant measurement with the employment of monitoring the inverted signal. the inversion is applied to detect common cause failures where it is expected that the circuit output moves in the same direction during a fault condition, instead of moving in the opposite direction as expected. in addition, the qsop package that houses the device provides access to the leads for inspection. figure 53. typical functional safety block diagram 11755-146 gnd vdd1 vdd2 2.5v ref1 ref2 ref = 2.5v to 5v adc1 in1+ in1? vio1 sdi1 sck1 cnv1 sdo1 sdi1 sck1 cnv1 sdo1 sdi2 vio1 vio2 sck2 cnv2 sdo2 adc2 in2+ in2? vio2 sdi2 sck2 cnv2 sdo2 ad7903 ref 10v, 5v, ... ada4941-1 ada4941-1 physically isolated adcs ad7903 data sheet rev. a | page 26 of 28 layout design t he printed circuit board (pcb) of the ad7903 such that the analog and digital sections are separated and confined to certain areas of the board. the pinout of the ad7903 , with its analog signals on the left side and its digital signals on the right side, eases this task. avoid running digital lines under the device because these couple noise onto t h e die unless a ground plane under the ad7903 is used as a shield. do not run f ast switching signals, such as cnv x or clocks, near analog signal paths. avoid c rossover of digital and analog signal s. to avoid signal fidelity issues, take c are to ensure monotonicity of digital edges in the pcb layout . use a t least one ground plane . it can be shared between or split between the digital and analog sections. in the latter case, join the planes underneath the ad7903 . the ad7903 voltage reference input s, ref 1 and ref2, ha ve a dynamic input impedance . decouple these reference inpu ts with minimal parasitic inductances by placing the reference decoupling ceramic capacitor in close proximity to ( ideally , right up against ) the ref x and gnd pins and then connecting them with wide, low impedance traces. finally, decouple the power supplies , vdd x and vio x , with ceram ic capacitors, typically 100 nf. place them in close proximity to the ad7903 and connect them using short, wide traces to provide low impedance paths and to redu ce the effect of glitches on the power supply lines. see figure 54 for a n example of layout following these rules . evaluating performance of the ad7903 other recommended layouts for the ad7903 are outlined in user guide ug - 609. t he package for the evaluation board ( e va l - ad7903 sdz ) includes a fully assembled and tested evaluation board, user guide , and software for controlling the board from a pc via the e va l - sdp - cb1z . figure 54 . example layout of the ad7903 (top layer) 11755-147 ref1 vdd1 in1+ in1? gnd ref2 vdd2 in2+ in2? gnd vio1 sdi1 sck1 sdo1 cnv1 vio2 sdi2 sck2 sdo2 cnv2 gnd ref ref ref gnd gnd gnd vdd vdd gnd vio vio gnd data sheet ad7903 rev. a | page 27 of 28 outline dimensions figure 55 . 20- lead shrink small outline package [ q sop] (r q - 2 0) dimensions shown in inches and ( millimeters ) ordering guide model 1 temperature range package description package option ordering quantity ad7 903brq z ? 40 c to +125 c 20- lead shrink small outline package ( q sop ) r q -20 tube, 5 6 ad7903brqz - rl7 ? 40c to +125 c 20- lead shrink small outline package (q sop ) r q -20 reel, 1,000 eval - ad7903sdz evaluation board eval - sdp - cb1z controller board 1 z = rohs compliant part. compliant t o jedec st andards mo-137-ad controlling dimensions are in inches; millimeter dimensions (in p arentheses) are rounded-off inch equiv alents for reference onl y and are not appropria te for use in design. 20 1 1 10 1 s e a t i n g p l a n e 0 . 0 1 0 ( 0 . 2 5 ) 0 . 0 0 4 ( 0 . 1 0 ) 0 . 0 1 2 ( 0 . 3 0 ) 0 . 0 0 8 ( 0 . 2 0 ) 0 . 0 2 5 ( 0 . 6 4 ) b s c 0 . 0 4 1 ( 1 . 0 4 ) r e f 0 . 0 1 0 ( 0 . 2 5 ) 0 . 0 0 6 ( 0 . 1 5 ) 0 . 0 5 0 ( 1 . 2 7 ) 0 . 0 1 6 ( 0 . 4 1 ) 0 . 0 2 0 ( 0 . 5 1 ) 0 . 0 1 0 ( 0 . 2 5 ) 8 0 coplanarity 0.004 (0.10) 0 . 0 6 5 ( 1 . 6 5 ) 0 . 0 4 9 ( 1 . 2 5 ) 0 . 0 6 9 ( 1 . 7 5 ) 0 . 0 5 3 ( 1 . 3 5 ) 0 . 3 4 5 ( 8 . 7 6 ) 0 . 3 4 1 ( 8 . 6 6 ) 0 . 3 3 7 ( 8 . 5 5 ) 0 . 1 5 8 ( 4 . 0 1 ) 0 . 1 5 4 ( 3 . 9 1 ) 0 . 1 5 0 ( 3 . 8 1 ) 0 . 2 4 4 ( 6 . 2 0 ) 0 . 2 3 6 ( 5 . 9 9 ) 0 . 2 2 8 ( 5 . 7 9 ) 08-19-2008-a ad7903 data sheet rev. a | page 28 of 28 notes ? 2013 C 2014 analog devices, inc. all rights reserved. trademarks and registered trademarks are the property of their respective owners. d11755 - 0 - 1/14(a) |
Price & Availability of AD7902 |